PART |
Description |
Maker |
EM14R1D-R25-L032S EM14R1D-R20-L032S EM14A0A-B28-L0 |
ROTARY OPTICAL ENCODER - 14MM SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER 14 mm Rotary Optical Encoder w/Switch SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Optical Encoder; Encoder Type:Optical; Encoder Resolution:16CPR; No. of Channels:2; Shaft Diameter:6mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes ENCODER, ROTARY, OPTICAL, W/SW, 14MM; Resolution, PPR:32; Current rating:25mA; Series:EM14A0D-C24-L032S; Depth, behind panel:10.03mm; Speed, rotational:120rpm; Temperature, operating range:-40(degree C) to 70(degree C); Current, RoHS Compliant: Yes Optical Encoder; Encoder Type:Optical; Encoder Resolution:8CPR; No. of Channels:2; Shaft Diameter:6.35mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
HEDL-6402-AP11 HEDL-6443-AP02 HEDL-6443-AP01 |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
|
25LR30-G-Z |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
GRAYHILL INC
|
61B15-01-01-125T 61B15-01-01-075T 61B22-01-01-125T |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
GRAYHILL INC
|
62M15-L3-040SH |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
GRAYHILL INC
|
61S50-2-205T 61S128-2-205T 61S100-2-205T 61SS64-1- |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
GRAYHILL INC
|
63R25-020T |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
GRAYHILL INC
|
HEDS-6505J10 |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
AGILENT TECHNOLOGIES INC
|
PEC09-2015F-T12 PEC09-2015K-T15 PEC09-2115F-T12 PE |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER ROHS COMPLIANT PACKAGE-5
|
Bourns, Inc.
|
ENA2P-C16-L00256 ENA2P-C16-M00200L ENA2P-C16-M0002 |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER ROHS COMPLIANT PACKAGE
|
Bourns, Inc. BOURNS INC
|
60A00-4-040S 60A00-8-040P 60A00-2-040C 60A00-2-040 |
SERIES 60A Joystick SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
Grayhill, Inc GRAYHILL INC
|